| Moteur de recherche de fiches techniques de composants électroniques |
|
88CXXG-AF5-R Fiches technique(PDF) 11 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
88CXXG-AF5-R Fiches technique(HTML) 11 Page - Unisonic Technologies |
|
11 / 13 page ![]() 88CXX CMOS IC UNISONICTECHNOLOGIESCO.,LTD 11 of 13 www.unisonic.com.tw QW-R502-040,E TYPICAL CHARACTERISTICS(Cont.) 88C33 3.60 3.55 3.50 3.45 3.40 3.35 3.30 -40 -20 0 20 40 60 80 Temperature,Ta(°С) Detection Voltage vs. Temperatyre -40 -20 0 20 40 60 80 Temperature,Ta(°С) 3 4 5 6 7 8 Hystersis Voltage Width vs. Temperature +VDET -VDET 2.5 2.0 1.5 1.0 0.5 0.0 0 2 4 6 8 10 12 Input Voltage, VDD (V) Current Consumption vs. Input Voltage 3.0 3.5 Ta=25°С 4.0 4.5 Pch Transistor Output Current vs VDS 20 15 0 0 2 4 VDS (V) 6 VDD=7.2V VDD=6.0V VDD=4.8V 10 5 VDD=8.4V 8 10 Ta=25°С 1 10 100 1000 0.1 1 100 10 Load Capacitance (nF) tPHL Ta=25°С Dynamic Response vs. COUT (CD pin; open) 0.1 tPLH 12 10 8 6 0 0 0.5 1.0 VDS (V) 1.5 VDD=2.4V VDD=1.2V 4 2 2.0 2.5 Nch transistor output current - VDS Ta=25°С |