| Moteur de recherche de fiches techniques de composants électroniques |
|
81XXG-AF5-A-R Fiches technique(PDF) 2 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
81XXG-AF5-A-R Fiches technique(HTML) 2 Page - Unisonic Technologies |
|
2 / 6 page ![]() 81XX LINEAR INTEGRATED CIRCUIT UNISONICTECHNOLOGIESCO.,LTD 2 of 6 www.unisonic.com.tw QW-R119-001,Na MARKING INFORMATION PACKAGE MARKING SOT-23 1 2 3 Date Code Pin Code Voltage Code L: Lead Free L: Halogen Free SOT-89 12 3 81XX Date Code Voltage Code L: Lead Free L: Halogen Free SOT-25 5 4 3 21 Date Code Pin Code Voltage Code L: Lead Free L: Halogen Free TO-92 BLOCK DIAGRAM OP1 VCC OUT GND C01 + - The Pin2 this product is SUB, so connect the pin to Ground. |