| Moteur de recherche de fiches techniques de composants électroniques |
|
25N10L-TN3-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
25N10L-TN3-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD 25N10 Preliminary Power MOSFET www.unisonic.com.tw 1 of 4 Copyright © 2010 Unisonic Technologies Co., Ltd QW-R502-448.a N-CHANNEL ENHANCEMENT MODE POWER MOSFET DESCRIPTION The UTC 25N10 is an N-channel enhancement mode power MOSFET and it uses UTC’s perfect technology to provide designers with fast switching, ruggedized device design, low on-resistance and cost-effectiveness. It is generally suitable for all commercial-industrial applications and DC/DC converters requiring low voltage. FEATURES * Single Drive Requirement * Low Gate Charge * RoHS Compliant SYMBOL ORDERING INFORMATION Ordering Number Pin Assignment Lead Free Plating Halogen Free Package 1 2 3 Packing 25N10L-TN3-R 25N10G-TN3-R TO-252 G D S Tape Reel |
Numéro de pièce similaire - 25N10L-TN3-R |
|
Description similaire - 25N10L-TN3-R |