| Moteur de recherche de fiches techniques de composants électroniques |
|
2SD1816L-X-TN3-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
2SD1816L-X-TN3-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 5 page ![]() UNISONIC TECHNOLOGIES CO., LTD 2SD1816 NPN PLANAR TRANSISTOR www.unisonic.com.tw 1 of 5 Copyright © 2011 Unisonic Technologies Co., Ltd QW-R209-011,C HIGH CURRENT SWITCHIG APPLICATIONS FEATURES * Low collector-to-emitter saturation voltage * Good linearity of hFE * Small and slim package facilitating compactness of sets. * High fT * Fast switching speed ORDERING INFORMATION Ordering Number Pin Assignment Lead Free Halogen Free Package 1 2 3 Packing 2SD1816L-x-TF3-T 2SD1816G-x-TF3-T TO-220F B C E Tube 2SD1816L-x-TM3-T 2SD1816G-x-TM3-T TO-251 B C E Tube 2SD1816L-x-TN3-T 2SD1816G-x-TN3-T TO-252 B C E Tube 2SD1816L-x-TN3-R 2SD1816G-x-TN3-R TO-252 B C E Tape Reel |
Numéro de pièce similaire - 2SD1816L-X-TN3-R |
|
Description similaire - 2SD1816L-X-TN3-R |