| Moteur de recherche de fiches techniques de composants électroniques |
|
2SD1624 Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
2SD1624 Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 5 page ![]() UNISONIC TECHNOLOGIES CO., LTD 2SD1624 NPN SILICON TRANSISTOR www.unisonic.com.tw 1 of 5 Copyright © 2007 Unisonic Technologies Co., Ltd QW-R208-005.C HIGH CURRENT SWITCHIG APPLICATION DESCRIPTION The UTC 2SD1624 applies to voltage regulators, relay drivers, lamp drivers, and electrical equipment. FEATURES * Adoption of FBET, MBIT processes * Low collector-to-emitter saturation voltage * Fast switching speed. * Large current capacity and wide ASO. Lead-free: 2SD1624L Halogen-free: 2SD1624G ORDERING INFORMATION Ordering Number Pin Assignment Normal Lead Free Halogen Free Package 1 2 3 Packing 2SD1624-x-AB3-R 2SD1624L-x-AB3-R 2SD1624G-x-AB3-R SOT-89 B C E Tape Reel MARKING XX DG Date Code L: Lead Free G: Halogen Free |
Numéro de pièce similaire - 2SD1624_07 |
|
Description similaire - 2SD1624_07 |