| Moteur de recherche de fiches techniques de composants électroniques |
|
S2S4RBY Fiches technique(PDF) 14 Page - Sharp Corporation |
|
|
|||||||||||||||||||||||||||||
S2S4RBY Fiches technique(HTML) 14 Page - Sharp Corporation |
|
14 / 15 page ![]() 14 2. 750pcs/reel Package materials Carrier tape : A-PET (with anti-static material) Cover tape : PET (three layer system) Reel : PS Carrier tape structure and Dimensions [Packing : 750pcs/reel] Reel structure and Dimensions Direction of product insertion S2S4 Series Sheet No.: D2-A06601EN A 12.0±0.3 B 5.5±0.1 C 1.75±0.1 D 8.0±0.1 E 2.0±0.1 H 7.4±0.1 I 0.3±0.05 J 3.1±0.1 K 4.0±0.1 F 4.0±0.1 G φ1.5+0.1 −0 FE I D J G Dimensions List (Unit : mm) K a 180 b 13.5±1.5 c 80±1.0 d 13±0.5 e 21±1.0 f 2.0±0.5 g 2.0±0.5 Dimensions List (Unit : mm) a e g f b d Pull-out direction |