| Moteur de recherche de fiches techniques de composants électroniques |
|
S2S5A Fiches technique(PDF) 13 Page - Sharp Corporation |
|
|
|||||||||||||||||||||||||||||
S2S5A Fiches technique(HTML) 13 Page - Sharp Corporation |
|
13 / 14 page ![]() 13 ● Tape and Reel package 3 000pcs/reel Package materials Carrier tape : A-PET (with anti-static material) Cover tape : PET (three layer system) Reel : PS Carrier tape structure and Dimensions [Packing : 3 000pcs/reel] Reel structure and Dimensions Direction of product insertion S2S5 Series Sheet No.: D2-A06701EN A 12.0±0.3 B 5.5±0.1 C 1.75±0.1 D 8.0±0.1 E 2.0±0.1 H 7.4±0.1 I 0.3±0.05 J 3.1±0.1 K 4.0±0.1 F 4.0±0.1 G φ1.5+0.1 −0 FE I D J G K Dimensions List (Unit : mm) a e g f b d a 370 b 13.5±1.5 c 80±1.0 d 13±0.5 e 21±1.0 f 2.0±0.5 g 2.0±0.5 Dimensions List (Unit : mm) Pull-out direction |