Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

S2S3BY0F Fiches technique(PDF) 13 Page - Sharp Corporation

No de pièce S2S3BY0F
Description  Non-zero cross type Mini-Flat Package Phototriac Coupler for triggering
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SHARP [Sharp Corporation]
Site Internet  http://sharp-world.com/
Logo SHARP - Sharp Corporation

S2S3BY0F Fiches technique(HTML) 13 Page - Sharp Corporation

Back Button S2S3BY0F Datasheet HTML 8Page - Sharp Corporation S2S3BY0F Datasheet HTML 9Page - Sharp Corporation S2S3BY0F Datasheet HTML 10Page - Sharp Corporation S2S3BY0F Datasheet HTML 11Page - Sharp Corporation S2S3BY0F Datasheet HTML 12Page - Sharp Corporation S2S3BY0F Datasheet HTML 13Page - Sharp Corporation S2S3BY0F Datasheet HTML 14Page - Sharp Corporation S2S3BY0F Datasheet HTML 15Page - Sharp Corporation S2S3BY0F Datasheet HTML 16Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
■ Package specification
13
10.5
4.5
4.6
400
±2
● Sleeve package
Package materials
Sleeve : HIPS (with anti-static material)
Stopper : Styrene-Elastomer
Package method
MAX. 100pcs of products shall be packaged in a sleeve.
Both ends shall be closed by tabbed and tabless stoppers.
The product shall be arranged in the sleeve with its anode mark on the tabless stopper side.
MAX. 50 sleeves in one case.
Sleeve outline dimensions
(Unit : mm)
S2S3 Series
Sheet No.: D2-A06501EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16