Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

S2S4RY0F Fiches technique(PDF) 9 Page - Sharp Corporation

No de pièce S2S4RY0F
Description  Zero cross type Mini-Flat Package Phototriac Coupler for triggering
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SHARP [Sharp Corporation]
Site Internet  http://sharp-world.com/
Logo SHARP - Sharp Corporation

S2S4RY0F Fiches technique(HTML) 9 Page - Sharp Corporation

Back Button S2S4RY0F Datasheet HTML 5Page - Sharp Corporation S2S4RY0F Datasheet HTML 6Page - Sharp Corporation S2S4RY0F Datasheet HTML 7Page - Sharp Corporation S2S4RY0F Datasheet HTML 8Page - Sharp Corporation S2S4RY0F Datasheet HTML 9Page - Sharp Corporation S2S4RY0F Datasheet HTML 10Page - Sharp Corporation S2S4RY0F Datasheet HTML 11Page - Sharp Corporation S2S4RY0F Datasheet HTML 12Page - Sharp Corporation S2S4RY0F Datasheet HTML 13Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
S2S4 Series
Sheet No.: D2-A06601EN
✩ For additional design assistance, please review our corresponding Optoelectronic Application Notes.
● Standard Circuit (Medium/High Power Triac Drive Circuit)
Triac
Load
S2S4
Note) Please add the snubber circuit according to a condition.
Any snubber or varistor used for the above mentioned scenarios should be located
as close to the main output triac as possible.
4
3
1
2
Zero Crossing
Circuit
AC Line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15