| Moteur de recherche de fiches techniques de composants électroniques |
|
2SB1188L-X-AB3-R Fiches technique(PDF) 3 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
2SB1188L-X-AB3-R Fiches technique(HTML) 3 Page - Unisonic Technologies |
|
3 / 4 page ![]() 2SB1188 PNP SILICON TRANSISTOR UNISONICTECHNOLOGIESCO.,LTD 3 of 4 www.unisonic.com.tw QW-R208-041.B ■ TYPICAL CHARACTERICS Static Characteristics -Collector-Emitter Voltage (V) 04 8 12 16 20 0 0.4 0.8 1.2 1.6 Case Temperature, Tc (°C) -IB=1mA -IB=2mA -IB=3mA -IB=4mA -IB=5mA -IB=6mA -IB=7mA -IB=8mA -IB=9mA Derating Curve of Safe Operating Areas 200 150 100 50 0 -50 0 50 100 150 S/b lim ited Case Temperature, Tc (°C) 200 150 100 50 0 -50 Power Derating 0 4 8 12 Collector Output Capacitance -Collector-Base Voltage(V) 100 10-1 10-2 10-3 101 102 103 100 IE=0 f=1MHz Current Gain-Bandwidth Product 101 102 103 100 VCE=5V Collector-Emitter Voltage Safe Operating Area Ic(max),DC Ic(max),Pulse Collector Current, Ic (A) 10-2 10-1 100 101 10 -2 10-1 10 0 10 1 100 101 102 IB=8mA IB=8mA |