| Moteur de recherche de fiches techniques de composants électroniques |
|
2SB772G-X-TN3-R Fiches technique(PDF) 3 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
2SB772G-X-TN3-R Fiches technique(HTML) 3 Page - Unisonic Technologies |
|
3 / 4 page ![]() 2SB772 PNP SILICON TRANSISTOR ■ TYPICAL CHARACTERICS Static Characteristics -Collector-Emitter voltage (V) 04 8 12 16 20 0 0.4 0.8 1.2 1.6 Case Temperature, Tc (℃) -IB=1mA -IB=2mA -IB=3mA -IB=4mA -IB=5mA -IB=6mA -IB=7mA -IB=8mA -IB=9mA Derating Curve of Safe Operating Areas 200 150 100 50 0 -50 0 50 100 150 S/b lim ited Case Temperature, Tc (℃) 200 150 100 50 0 -50 Power Derating 0 4 8 12 Collector Output Capacitance -Collector-Base Voltage(v) 10 0 10 -1 10 -2 10 -3 10 1 10 2 10 3 10 0 IE=0 f=1MHz Current Gain- Bandwidth Product 10 1 10 2 10 3 10 0 VCE=5V Collector-Emitter Voltage Safe Operating Area Ic(max),DC Ic(max),Pulse 10m S 1mS Collector Current, Ic (A) 10 -2 10 -1 10 0 10 1 10 -2 10 -1 10 0 10 1 10 0 10 1 10 2 IB=8mA IB=8mA UNISONICTECHNOLOGIESCO.,LTD 3 of 4 www.unisonic.com.tw QW-R213-016,E |