Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MABA-010374-CT4A40 Fiches technique(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

No de pièce MABA-010374-CT4A40
Description  Transformer, 1:4
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MA-COM [M/A-COM Technology Solutions, Inc.]
Site Internet  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MABA-010374-CT4A40 Fiches technique(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MABA-010374-CT4A40 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MABA-010374-CT4A40 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MABA-010374-CT4A40 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MABA-010374-CT4A40 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Transformer, 1:4
10 MHz - 1900 MHz
Rev. V1
MABA-010374-CT4A40
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
RELEASED
Parameter
Conditions
Units
Min
Typ
Max
Frequency Range
MHz
10
1900
Impedance
50
Impedance Ratio
1:4
Insertion Loss
10 - 600 MHz
600 - 1300 MHz
1300 - 1900 MHz
dB
dB
dB
-
-
-
1.0
1.8
2.5
1.4
2.5
3.3
Amplitude Balance
10 - 600 MHz
600-1000 MHz
1000-1900 MHz
dB
dB
dB
-
-
-
0.1
0.1
0.0
±0.5
±1.0
±1.4
Phase Balance
10 - 250 MHz
250 - 820 MHz
820-1900 MHz
º
º
º
-
-
-
3.0
11.0
12.0
±5
±15
±22
Input Return Loss
10 - 400 MHz
400 - 870 MHz
871 - 1900 MHz
dB
dB
dB
15
9
6
16
12
9
-
-
-
Features
♦ 1:4 impedance ratio
♦ Transmission line Transformer
♦ Surface mount
♦ Available on tape and reel
♦ 260ºC reflow compatible
♦ RoHS Compliant and Pb free
♦ Excellent temperature stability
♦ Can be used on 50Ω and 75Ω systems
Pin No.
Function
1
Secondary Dot
2
Center Tap
3
Secondary
4
Primary
6
Primary Dot
Pin Configuration
Schematic
Electrical Specifications:
Z0 = 50Ω, TA = 25°C, Pin = 0dBm


Numéro de pièce similaire - MABA-010374-CT4A40

FabricantNo de pièceFiches techniqueDescription
logo
M/A-COM Technology Solu...
MABA-010374-CT4A40 MA-COM-MABA-010374-CT4A40 Datasheet
117Kb / 4P
Transformer, 1:4
MABA-010374-CT4A40 MA-COM-MABA-010374-CT4A40_15 Datasheet
117Kb / 4P
Transformer
More results

Description similaire - MABA-010374-CT4A40

FabricantNo de pièceFiches techniqueDescription
logo
M/A-COM Technology Solu...
MABA-010061-CF4FA0 MA-COM-MABA-010061-CF4FA0 Datasheet
119Kb / 4P
Transformer, 1:4 Flux Coupled Transformer
MABA-010129-CT4A40 MA-COM-MABA-010129-CT4A40 Datasheet
168Kb / 4P
Transformer, 1:4 Transmission Line Transformer
MABA-010268-CT4160 MA-COM-MABA-010268-CT4160 Datasheet
174Kb / 4P
Transformer, 1:4 Transmission Line Transformer
MABA-010061-CF4FA0 MA-COM-MABA-010061-CF4FA0 Datasheet
119Kb / 4P
Transformer, 1:4 Flux Coupled Transformer
MABA-010129-CT4A40 MA-COM-MABA-010129-CT4A40 Datasheet
168Kb / 4P
Transformer, 1:4 Transmission Line Transformer
MABA-010268-CT4160 MA-COM-MABA-010268-CT4160 Datasheet
174Kb / 4P
Transformer, 1:4 Transmission Line Transformer
MABA-010374-CT4A40 MA-COM-MABA-010374-CT4A40 Datasheet
117Kb / 4P
Transformer, 1:4
MABA-010061-CF4FA0 MA-COM-MABA-010061-CF4FA0_15 Datasheet
119Kb / 4P
Transformer, 1:4 Flux Coupled Transformer
MABA-010129-CT4A40 MA-COM-MABA-010129-CT4A40_15 Datasheet
168Kb / 4P
Transformer, 1:4 Transmission Line Transformer
MABA-010268-CT4160 MA-COM-MABA-010268-CT4160_15 Datasheet
174Kb / 4P
Transformer, 1:4 Transmission Line Transformer
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com