| Moteur de recherche de fiches techniques de composants électroniques |
|
2SA684 Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
2SA684 Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 5 page ![]() UNISONIC TECHNOLOGIES CO., LTD 2SA684 PNP SILICON TRANSISTOR www.unisonic.com.tw 1 of 5 Copyright © 2009 Unisonic Technologies Co., Ltd QW-R211-006.C PNP SILICON TRANSISTOR DESCRIPTION The UTC 2SA684 is power amplifier and driver. FEATURES * Automatic insertion by radial taping possible. * Complementary pair with 2SC1384 Lead-free: 2SA684L Halogen-free: 2SA684G ORDERING INFORMATION Ordering Number Pin Assignment Normal Lead Free Halogen Free Package 1 2 3 Packing 2SA684-x-AB3-R 2SA684L-x-AB3-R 2SA684G-x-AB3-R SOT-89 B C E Tape Reel 2SA684-x-T9N-B 2SA684L-x-T9N-B 2SA684G-x-T9N-B TO-92NL E C B Tape Box 2SA684-x-T9N-K 2SA684L-x-T9N-K 2SA684G-x-T9N-K TO-92NL E C B Bulk |
Numéro de pièce similaire - 2SA684 |
|
Description similaire - 2SA684 |