| Moteur de recherche de fiches techniques de composants électroniques |
|
1N4148L-AL3-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
1N4148L-AL3-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 4 page ![]() UNISONIC TECHNOLOGIES CO., LTD 1N4148 DIODE www.unisonic.com.tw 1 of 4 Copyright © 2009 Unisonic Technologies Co., Ltd QW-R601-001,I HIGH-SPEED SWITCHING DIODE DESCRIPTION The UTC 1N4148 is designed for high-speed switching application in hybrid thick-and thin-film circuits. The devices is manufactured by the silicon epitaxial planar process and packed in plastic surface mount package. FEATURES * Ultra-high speed * Low forward voltage * Fast reverse recovery time ORDERING INFORMATION Ordering Number Pin Assignment Lead Free Halogen Free Package 1 2 3 Packing 1N4148L-AE3-R 1N4148G-AE3-R SOT-23 NC A C Tape Reel 1N4148L-AL3-R 1N4148G-AL3-R SOT-323 NC A C Tape Reel 1N4148L-CA2-R 1N4148G-CA2-R SOD-123 A C - Tape Reel 1N4148L-CB2-R 1N4148G-CB2-R SOD-323 A C - Tape Reel Note: Pin assignment: A: Anode C: Cathode NC: No Connection (1) R: Tape Reel (2) AE3: SOT-23, AL3: SOT-323 (2) CA2: SOD-123, CB2: SOD-323 (3) G: Halogen Free, L: Lead Free 1N4148L -AE3 -R (1)Packing Type (2)Package Type (3)Lead Plating MARKING PACKAGE MARKING Lead Free Halogen Free SOT-23/ SOT-323/ Lead Free Halogen Free SOD-123 SOD-323 |
Numéro de pièce similaire - 1N4148L-AL3-R |
|
Description similaire - 1N4148L-AL3-R |