| Moteur de recherche de fiches techniques de composants électroniques |
|
70592C Fiches technique(PDF) 11 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
70592C Fiches technique(HTML) 11 Page - Microchip Technology |
|
11 / 314 page ![]() © 2011 Microchip Technology Inc. DS70592C-page 11 PIC24HJXXXGPX06A/X08A/X10A Pin Diagrams (Continued) 64-Pin TQFP 1 2 3 4 5 6 7 8 9 10 11 12 13 36 35 34 33 14 15 16 PGEC2/SOSCO/T1CK/CN0/RC14 PGED2/SOSCI/T4CK/CN1/RC13 OC1/RD0 IC4/INT4/RD11 IC2/U1CTS/INT2/RD9 IC1/INT1/RD8 VSS OSC2/CLKO/RC15 OSC1/CLKIN/RC12 VDD SCL1/RG2 U1RTS/SCK1/INT0/RF6 U1RX/SDI1/RF2 U1TX/SDO1/RF3 RG15 AN16/T2CK/T7CK/RC1 AN17/T3CK/T6CK/RC2 SCK2/CN8/RG6 SDI2/CN9/RG7 SDO2/CN10/RG8 MCLR VSS VDD AN3/CN5/RB3 AN2/SS1/CN4/RB2 PGEC3/AN1/VREF-/CN3/RB1 PGED3/AN0/VREF+/CN2/RB0 SDA1/RG3 43 42 41 40 39 38 37 44 48 47 46 45 SS2/CN11/RG9 AN5/IC8/CN7/RB5 AN4/IC7/CN6/RB4 IC3/INT3/RD10 PIC24HJ64GP506A PIC24HJ128GP506A = Pins are up to 5V tolerant Note 1: Refer to Section 2.3 “CPU Logic Filter Capacitor Connection (Vcap)” for proper connection to this pin. |