Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MIC4102 Fiches technique(PDF) 9 Page - MIC GROUP RECTIFIERS

No de pièce MIC4102
Description  100V Half Bridge MOSFET Driver with Anti-Shoot Through Protection PRELIMINARY SPECIFICATIONS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MIC [MIC GROUP RECTIFIERS]
Site Internet  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MIC4102 Fiches technique(HTML) 9 Page - MIC GROUP RECTIFIERS

Back Button MIC4102 Datasheet HTML 5Page - MIC GROUP RECTIFIERS MIC4102 Datasheet HTML 6Page - MIC GROUP RECTIFIERS MIC4102 Datasheet HTML 7Page - MIC GROUP RECTIFIERS MIC4102 Datasheet HTML 8Page - MIC GROUP RECTIFIERS MIC4102 Datasheet HTML 9Page - MIC GROUP RECTIFIERS MIC4102 Datasheet HTML 10Page - MIC GROUP RECTIFIERS MIC4102 Datasheet HTML 11Page - MIC GROUP RECTIFIERS MIC4102 Datasheet HTML 12Page - MIC GROUP RECTIFIERS MIC4102 Datasheet HTML 13Page - MIC GROUP RECTIFIERS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Micrel, Inc.
MIC4102
November 2006
9
M9999-112806
Functional Diagram
1
5
6
8
4
3
2
VSS
DRIVER
UVLO
UVLO
LEVEL
SHIFT
DRIVER
HV
LEVEL
SHIFT
HB
HO
HS
LO
PWM
VDD
LS
7
Figure 1. MIC4102 Functional Block Diagram
Functional Description
The MIC4102 is a high voltage, non-inverting,
synchronous MOSFET driver that uses a single PWM
input signal to alternately drive both high-side and low-
side N-Channel MOSFETs. The block diagram of the
MIC4102 is shown in Figure 1.
The MIC4102 input is TTL compatible. The high-side
output buffer includes a high speed level-shifting circuit
that is referenced to the HS pin. An internal diode is
used as part of a bootstrap circuit to provide the drive
voltage for the high-side output.
Startup and UVLO
The UVLO circuit forces both driver outputs low until the
supply voltage exceeds the UVLO threshold. The low-
side UVLO circuit monitors the voltage between the VDD
and VSS pins. The high-side UVLO circuit monitors the
voltage between the HB and HS pins. Hysteresis in the
UVLO circuit prevents noise and finite circuit impedance
from causing chatter during turn-on.
The VDD pin voltage is supplied to the HS pin through
the internal bootstrap diode. The HB pin voltage will
always be a diode drop less than VDD.
Input Stage
The MIC4102 utilizes a TTL compatible input stage. The
PWM input pin is referenced to the VSS pin.
The
voltage state of the input signal does not change the
quiescent current draw of the driver. The threshold level
is independent of the VDD supply voltage and there is
no dependence between IVDD and the input signal
amplitude.
This feature makes the MIC4102 an
excellent level translator that will drive high threshold
MOSFETs from a low voltage PWM IC.
Low-Side Driver
A block diagram of the low-side driver is shown in Figure
2. The low-side driver is designed to drive a ground
(Vss pin) referenced N-channel MOSFET. Low driver
impedances allow the external MOSFET to be turned on
and off quickly. The rail-to-rail drive capability of the
output ensures a low Rdson from the external MOSFET.
A low level applied to PWM pin will cause the HO output
to go low and the LO output to go high. The upper driver
FET turns on and Vdd is applied to the gate of the
external MOSFET. A high level on the PWM pin forces
the LO output low by turning off the upper driver and
turning on the lower driver which ground the gate of the
external MOSFET.
Pulling the LS pin low disables the LO pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com