| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC8309EC Fiches technique(PDF) 61 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8309EC Fiches technique(HTML) 61 Page - Freescale Semiconductor, Inc |
|
61 / 82 page ![]() MPC8309 PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 0 Freescale Semiconductor 61 Package and Pin Listings PCI_AD8/BOOT_ROM_ADDR[10] E21 IO OVDD - PCI_AD9/BOOT_ROM_ADDR[11] H20 IO OVDD - PCI_AD10/BOOT_ROM_ADDR[12] D22 IO OVDD - PCI_AD11/BOOT_ROM_RDATA[0] D23 IO OVDD - PCI_AD12/BOOT_ROM_RDATA[1] J19 IO OVDD - PCI_AD13/BOOT_ROM_RDATA[2] F21 IO OVDD - PCI_AD14/BOOT_ROM_RDATA[3] G21 IO OVDD - PCI_AD15/BOOT_ROM_RDATA[4] E22 IO OVDD - PCI_AD16/BOOT_ROM_RDATA[5] E23 IO OVDD - PCI_AD17/BOOT_ROM_RDATA[6] J20 IO OVDD - PCI_AD18/BOOT_ROM_RDATA[7] F23 IO OVDD - PCI_AD19/BOOT_ROM_RDATA[8] G23 IO OVDD - PCI_AD20/BOOT_ROM_RDATA[9] K19 IO OVDD - PCI_AD21/BOOT_ROM_RDATA[10] H21 IO OVDD - PCI_AD22/BOOT_ROM_RDATA[11] L19 IO OVDD - PCI_AD23/BOOT_ROM_RDATA[12] G22 IO OVDD - PCI_AD24/BOOT_ROM_RDATA[13] H23 IO OVDD - PCI_AD25/BOOT_ROM_RDATA[14] J21 IO OVDD - PCI_AD26/UC5_URM/BOOT_ROM_RDATA[15] H22 IO OVDD - PCI_AD27BOOT_ROM_RDATA[16] J23 IO OVDD - PCI_AD28/UC7_URM/BOOT_ROM_RDATA[17] K18 IO OVDD - PCI_AD29/BOOT_ROM_RDATA[18] K21 IO OVDD - PCI_AD30/BOOT_ROM_RDATA[19] K22 IO OVDD - PCI_AD31/BOOT_ROM_RDATA[20] K23 IO OVDD - PCI_C_BE_B0 / BOOT_ROM_RDATA[21] L20 IO OVDD - PCI_C_BE_B1 / BOOT_ROM_RDATA[22] L23 IO OVDD - PCI_C_BE_B2 / BOOT_ROM_RDATA[23] L22 IO OVDD - PCI_C_BE_B3 / /BOOT_ROM_RDATA[24] L21 IO OVDD - PCI_PAR/BOOT_ROM_RDATA[25] M19 IO OVDD - PCI_FRAME_B / BOOT_ROM_RDATA[26] M20 IO OVDD - PCI_TRDY_B / BOOT_ROM_RDATA[27] M23 IO OVDD - PCI_IRDY_B / BOOT_ROM_RDATA[28] M21 IO OVDD - PCI_STOP_B / BOOT_ROM_RDATA[29] N23 IO OVDD - PCI_DEVSEL_B / BOOT_ROM_RDATA[30] N22 IO OVDD - PCI_IDSEL / BOOT_ROM_RDATA[31] N21 IO OVDD - PCI_SERR_B / BOOT_ROM_MOD_EN N19 IO OVDD - PCI_PERR_B / BOOT_ROM_RWB P20 IO OVDD - |