Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

507T175E0903 Fiches technique(PDF) 2 Page - Glenair, Inc.

No de pièce 507T175E0903
Description  EMI/RFI Elliptical Banding Backshell
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GLENAIR [Glenair, Inc.]
Site Internet  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

507T175E0903 Fiches technique(HTML) 2 Page - Glenair, Inc.

  507T175E0903 Datasheet HTML 1Page - Glenair, Inc. 507T175E0903 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
U.S. CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 2011 Glenair, Inc.
Printed in U.S.A.
M
M-20
MATERIALS (SEE ORDERING INFO FOR FINISH OPTIONS)
Shell
Aluminum Alloy 6061 -T6 Per QQ-A-200, QQ-A-225 (Machined Components)
Aluminum Alloy 6061-T6 Per QQ-A-591 (A380) (Die-Cast Components)
Clips
17-7PH Stainless Steel
Jackscrews, Washers, Jackposts
300 Series Stainless Steel, Passivated
EMI/REF Eliptical
Banding Backshell
507-175
CABLE ENTRY SIZES
Cable
Entry
Code
D
E
Available
on Shell
Size
In.
± .010
mm.
± 0.25
In.
± .010
mm.
± 0.25
01
.344
8.74
.290
7.37
09 Thru 100
02
.494 12.55
.290
7.37
15 Thru 100
03
.644 16.36
.290
7.37
21 Thru 100
04
.744 18.90
.304
7.72
25 Thru 100
05
.894 21.34
.304
7.72
31 Thru 100
06
.994 25.25
.304
7.72
37 Thru 100
07
1.044 26.52
.304
7.72
37 and 100
08
1.024 26.01
.384
9.75
100
C
D
B
E
A
L
CONNECTOR ORDERED
SEPARATELy
H
.175 (4.4)
#2-56 UNC THDS. 9-69 PIN
#4-40 UNC THDS. 100 PIN
.32 (8.1)
STANDARD
FILLISTER HEAD
JACKSCREW
CODE H
HEX HEAD
JACKSCREW
CODE F
FEMALE
JACKPOST
CODE E
EXTENDED
JACKSCREW
K
F
G
J
DIMENSIONS
Size
A Max.
B Max.
C
F Max.
G Max.
H Max.
J Max.
K Max.
In.
mm.
In.
mm.
In.
mm.
In.
mm.
In.
mm.
In.
mm.
In.
mm.
In.
mm.
09
.850
21.59
.370
9.40
.565
14.35
.782
19.86
.970
24.64
.668
16.97
.673
17.09
.851
21.62
15
1.000
25.40
.370
9.40
.715
18.16
.832
21.13
.970
24.64
.668
16.97
.673
17.09
.876
22.25
21
1.150
29.21
.370
9.40
.865
21.97
.882
22.40
.970
24.64
.668
16.97
.673
17.09
.901
22.89
25
1.250
31.75
.370
9.40
.965
24.51
.932
23.67
.990
25.15
.678
17.22
.700
17.78
.943
23.95
31
1.400
35.56
.370
9.40 1.115
28.32
.972
24.69
.990
25.15
.678
17.22
.700
17.78
.963
24.46
37
1.550
39.37
.370
9.40 1.265
32.13
.972
24.69
.990
25.15
.678
17.22
.700
17.78
.983
24.97
51
1.500
38.10
.410
10.41 1.215
30.86 1.092
27.74 1.030
26.16
.698
17.73
.758
19.25
1.050
26.67
51-2
1.910
48.51
.370
9.40 1.615
41.02 1.092
27.74 1.030
26.16
.698
17.73
.758
19.25
1.050
26.67
67
2.310
58.67
.370
9.40 2.015
51.18 1.092
27.74 1.030
26.16
.698
17.73
.758
19.25
1.050
26.67
69
1.810
45.97
.410
10.41 1.515
38.48 1.092
27.74 1.030
26.16
.698
17.73
.758
19.25
1.050
26.67
100
2.235
56.77
.460
11.68 1.800
45.72 1.157
29.39 1.090
27.69
.723
18.36
.824
20.93
1.130
28.70



Html Pages

1 2