Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

720HA110MT Fiches technique(PDF) 2 Page - Glenair, Inc.

No de pièce 720HA110MT
Description  Connector to Adapter Pre-Terminated Assemblies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GLENAIR [Glenair, Inc.]
Site Internet  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

720HA110MT Fiches technique(HTML) 2 Page - Glenair, Inc.

  720HA110MT Datasheet HTML 1Page - Glenair, Inc. 720HA110MT Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 2003 Glenair, Inc.
Printed in U.S.A.
CAGE Codes 06324
B-5
E-Mail: sales@glenair.com
www.glenair.com
NOTES:
1. Metric dimensions (mm) are indicated in parentheses.
2. O-Ring not supplied with connector designator A.
*
Length tolerance is ± .250 (12.7) for lengths up to 24
inches (619.6 mm). Length tolerance for longer
lengths is ± one percent (1%) of the length.
**
Consult factory for fittings using 3.000" (76.2) con-
duit.
*** Pre-terminated assemblies using product Series 74
will be supplied with FEP material, standard wall
thickness, standard convolutions, tin copper braid,
and neoprene jacket. For other options consult
factory.
TABLE I
SYMBOL FINISH
B
Olive Drab over Cadmium Plate
J
Gold Iridite over Cadmium Plate over Nickel
M
Electroless Nickel
N
Olive Drab over Cadmium Plate over Nickel
NC
Zinc-Cobalt, Olive Drab
NF
Olive Drab over Cadmium Plate over
Electroless Nickel (500 Hour Salt Spray)
T
Bright Dip Cadmium Plate over Nickel
Z1
Passivate
Designator T
Transition Fitting
Designator M
M28840/22 Bushing
1.690
(42.9)
REF
Designator N Bulkhead Fitting
Flat for
D-Hole
Mounting
750-110, 750-111, 750-112 and 750-113
Connector to Adapter Pre-Terminated Assemblies
Series 72 & 74 Tubing & Series 75 Conduit



Html Pages

1 2