| Moteur de recherche de fiches techniques de composants électroniques |
|
507-059NF04GL Fiches technique(PDF) 1 Page - Glenair, Inc. |
|
|
|||||||||||||||||||||||||||||
507-059NF04GL Fiches technique(HTML) 1 Page - Glenair, Inc. |
|
|
1 / 1 page ![]() www.glenair.com E-Mail: sales@glenair.com GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912 © 2004 Glenair, Inc. Printed in U.S.A. B-9 CAGE Code 06324 507-059 EMI/RFI TAG Ring® Backshell for MIL-C-81659 Connectors Dash No 02 03 04 05 06 TABLE I: CABLE ENTRY J Max .97 (24.6) 1.05 (26.7) 1.16 (29.5) 1.22 (31.0) 1.34 (34.0) E Entry .25 (6.4) .37 (9.4) .50 (12.7) .62 (15.7) .75 (19.1) F Dia Max .55 (14.0) .67 (17.0) .80 (20.3) .92 (23.4) 1.05 (26.7) G Dia Max .69 (17.5) .79 (20.1) .92 (23.4) 1.04 (26.4) 1.17 (29.7) Min .125 (3.2) .250 (6.4) .250 (6.4) .375 (9.5) .500 (12.7) Max .250 (6.4) .375 (9.5) .500 (12.7) .625 (15.9) .750 (19.1) Cable Range Basic Part No. Finish B = Cadmium Plate/Olive Drab M = Electroless Nickel N = Cadmium Plate/Olive Drab over Nickel Plate NF = Cadmium Olive Drab over Electroless Nickel (1000 Hour Salt Spray) 507-059 NF 06 G L Entry Location L = Left Side Entry R = Right Side Entry Omit for Top Entry L = Strain Relief G = Gland Nut Dash No. (Table I) 2.50 (63.5) Max Typ. Note 3 E 1.715 (43.6) Max 1.377 (35.0) 1.50 (38.1) .938 (23.8) Typ. 1.195 (30.4) Max Typ. 1.437 (36.5) T Top Entry R Right Entry L Left Entry .407 (10.3) G F Style G Nut Knurl Style Mfr. Option (Typ) .390 (9.1) Ref Shrink Boot Accomodation See Note 3 1.500 (38.1) .875 (22.2) J Max Cable Range .850 (21.6) Max Style L Strain Relief 1. Metric dimensions (mm) are indicated in parentheses. 2. Material/Finish: Backshell, Adapter, Clamp, Tag Ring Body = Al Alloy/Finish Per Option Tag Ring Nut = Al Alloy/Gold Iridite Tag Ring Spring = Beryllium Copper/ Gold Plate Friction Washer = Teflon/N.A. Clamp Hardware = Cres/Passivate 3. Style “L” strain relief option will be supplied less shrink boot accomodation and 2.50 max height will be 2.36 max. |
Numéro de pièce similaire - 507-059NF04GL |
|
Description similaire - 507-059NF04GL |