Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SST25VF032B Fiches technique(PDF) 26 Page - Microchip Technology

No de pièce SST25VF032B
Description  32 Mbit SPI Serial Flash
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25VF032B Fiches technique(HTML) 26 Page - Microchip Technology

Back Button SST25VF032B Datasheet HTML 22Page - Microchip Technology SST25VF032B Datasheet HTML 23Page - Microchip Technology SST25VF032B Datasheet HTML 24Page - Microchip Technology SST25VF032B Datasheet HTML 25Page - Microchip Technology SST25VF032B Datasheet HTML 26Page - Microchip Technology SST25VF032B Datasheet HTML 27Page - Microchip Technology SST25VF032B Datasheet HTML 28Page - Microchip Technology SST25VF032B Datasheet HTML 29Page - Microchip Technology SST25VF032B Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
©2011 Silicon Storage Technology, Inc.
S71327-04-000
02/11
26
32 Mbit SPI Serial Flash
SST25VF032B
Data Sheet
A Microchip Technology Company
Figure 24:Hold Timing Diagram
Figure 25:Power-up Timing Diagram
THZ
TLZ
THHH
THLS
THHS
1327 F25.0
HOLD#
CE#
SCK
SO
SI
THLH
Time
VDD Min
VDD Max
VDD
Device fully accessible
TPU-READ
TPU-WRITE
Chip selection is not allowed.
All commands are rejected by the device.
1327 F26.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31