Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

D13005 Fiches technique(PDF) 4 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

No de pièce D13005
Description  HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Site Internet  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

D13005 Fiches technique(HTML) 4 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  D13005 Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. D13005 Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. D13005 Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. D13005 Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. D13005 Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. D13005 Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
R
3DD13005D
版本:
200910C
4/6
外形尺寸
PACKAGE MECHANICAL DATA
单位 Unit :mm
TO-126
φP
e
e
E
A
C
B
b
Q1
1
2
3
符号
symbol
MIN
MAX
A
2.50
2.90
B
1.22
1.28
C
0.30
0.70
D
10.50
11.10
E
7.10
8.10
Q
3.80
4.20
Q1
1.07
1.47
L
15.35
15.60
L2
2.10
2.30
b
0.60
0.90
e
2.19
2.39



Html Pages

1 2 3 4 5 6