| Moteur de recherche de fiches techniques de composants électroniques |
|
HT82B40R Fiches technique(PDF) 49 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT82B40R Fiches technique(HTML) 49 Page - Holtek Semiconductor Inc |
|
49 / 58 page ![]() Package Information 20-pin SSOP (150mil) Outline Dimensions Symbol Dimensions in inch Min. Nom. Max. A 0.228 ¾ 0.244 B 0.150 ¾ 0.158 C 0.008 ¾ 0.012 C ¢ 0.335 ¾ 0.347 D 0.049 ¾ 0.065 E ¾ 0.025 ¾ F 0.004 ¾ 0.010 G 0.015 ¾ 0.050 H 0.007 ¾ 0.010 a 0 °¾ 8 ° Symbol Dimensions in mm Min. Nom. Max. A 5.79 ¾ 6.20 B 3.81 ¾ 4.01 C 0.20 ¾ 0.30 C ¢ 8.51 ¾ 8.81 D 1.24 ¾ 1.65 E ¾ 0.64 ¾ F 0.10 ¾ 0.25 G 0.38 ¾ 1.27 H 0.18 ¾ 0.25 a 0 °¾ 8 ° HT82B40R/HT82B40A Rev. 1.50 49 February 17, 2011 2 0 1 1 1 1 0 A B C D E F C ' G H a |