| Moteur de recherche de fiches techniques de composants électroniques |
|
HT82M75R Fiches technique(PDF) 2 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT82M75R Fiches technique(HTML) 2 Page - Holtek Semiconductor Inc |
|
2 / 66 page ![]() Selection Table Part No. Program Memory Data Memory Data EEPROM I/O Timer DC/DC Converter SPI Interface RF Transceiver Built-in OSC Stack Package HT82M75R 4K ´15 128 ´8 ¾ 24 16-bit ´1 Ö Ö¾ Ö 6 20/28SSOP 32QFN HT82K75R 4K ´15 160 ´8 ¾ 40 16-bit ´1 Ö Ö¾ Ö 6 48SSOP HT82M75RE (1) 4K ´15 128 ´8 128 ´8 22 16-bit ´1 Ö Ö¾ Ö 6 32QFN HT82K75RE (1) 4K ´15 160 ´8 128 ´8 38 16-bit ´1 Ö Ö¾ Ö 6 48SSOP Note: (1) There is an additional peripheral known as the Data EEPROM with capacity of 128 bytes in HT82M75RE and HT82K75RE devices. All information related to the Data EEPROM will be described in the following EEPROM Data Memory section. (2) As devices exist in more than one package format, the table reflects the situation for the package with the most pins. Block Diagram HT82M75R/HT82M75RE HT82K75R/HT82K75RE Rev. 1.30 2 November 24, 2010 1 6 - b i t T i m e r S P I I n t e r f a c e I / O P o r t s O T P P r o g r a m M e m o r y R A M D a t a M e m o r y S t a c k 8 - b i t R I S C C o r e I n t e r r u p t C o n t r o l l e r R e s e t C i r c u i t W a t c h d o g T i m e r W a t c h d o g T i m e r O s c i l l a t o r V o l t a g e D e t e c t o r I n t e r n a l R C O s c i l l a t o r D C / D C E E P R O M D a t a M e m o r y |