| Moteur de recherche de fiches techniques de composants électroniques |
|
STAR1000 Fiches technique(PDF) 21 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
STAR1000 Fiches technique(HTML) 21 Page - Cypress Semiconductor |
|
21 / 24 page ![]() STAR1000 Document Number: 38-05714 Rev. *F Page 21 of 24 Acronyms Acronym Description ADC analog-to-digital converter AFE analog front end BL black pixel data CDM Charged Device Model CDS correlated double sampling CMOS complementary metal oxide semiconductor CRC cyclic redundancy check DAC digital-to-analog converter DDR double data rate DFT design for test DNL differential nonlinearity DS Double Sampling DSNU dark signal nonuniformity EIA Electronic Industries Alliance ESD electrostatic discharge FE frame end FF fill factor FOT frame overhead time FPGA Field Programmable Gate Array FPN fixed pattern noise FPS frames per second FS frame start HBM Human Body Model IMG regular pixel data INL integral nonlinearity IP intellectual property LE line end LS line start LSB least significant bit LVDS low-voltage differential signaling MBS mixed boundary scan MSB most significant bit PGA programmable gain amplifier PLS parasitic light sensitivity PRBS pseudo-random binary sequence PRNU pixel random nonuniformity QE quantum efficiency RGB red green blue RMA Return Material Authorization RMS root mean square ROI region of interest ROT row overhead time S/H sample and hold SNR signal-to-noise ratio SPI serial peripheral interface TBD to be determined TIA Telecommunications Industry Association TJ Junction Temperature TR training pattern % RH Percent Relative Humidity Acronym Description [+] Feedback |