Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSL05D Fiches technique(PDF) 2 Page - Central Semiconductor Corp

No de pièce CSL05D
Description  SURFACE MOUNT ULTRA LOW CAPACITANCE SILICON TRANSIENT VOLTAGE SUPPRESSORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CENTRAL [Central Semiconductor Corp]
Site Internet  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CSL05D Fiches technique(HTML) 2 Page - Central Semiconductor Corp

  CSL05D Datasheet HTML 1Page - Central Semiconductor Corp CSL05D Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CSL05
CSL05D
SURFACE MOUNT
ULTRA LOW CAPACITANCE SILICON
TRANSIENT VOLTAGE SUPPRESSORS
SOT-23 CASE - MECHANICAL OUTLINE
PIN CONFIGURATIONS
LEAD CODE:
1) Cathode D2
2) Cathode D1
3) No Connection
MARKING CODE: CL05
CSL05
LEAD CODE:
1) Cathode D2
2) Cathode D1
3) Cathode D3, D4
MARKING CODE: CL5D
CSL05D
www.centra lsemi.com
R1 (17-February 2010)



Html Pages

1 2