Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS8650 Fiches technique(PDF) 45 Page - ams AG

No de pièce AS8650
Description  High-efficient Power Management Device with High-speed CAN Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS8650 Fiches technique(HTML) 45 Page - ams AG

Back Button AS8650 Datasheet HTML 38Page - ams AG AS8650 Datasheet HTML 39Page - ams AG AS8650 Datasheet HTML 40Page - ams AG AS8650 Datasheet HTML 41Page - ams AG AS8650 Datasheet HTML 42Page - ams AG AS8650 Datasheet HTML 43Page - ams AG AS8650 Datasheet HTML 44Page - ams AG AS8650 Datasheet HTML 45Page - ams AG AS8650 Datasheet HTML 46Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 45 / 46 page
background image
www.austriamicrosystems.com/AS8650
Revision 1.0
45 - 46
AS8650
Datasheet - Orderin g Info r m ation
10 Ordering Information
The devices are available as the standard products shown in Table 22.
Note:
All products are RoHS compliant and austriamicrosystems green.
Buy our products or get free samples online at ICdirect: http://www.austriamicrosystems.com/ICdirect
Technical Support is available at http://www.austriamicrosystems.com/Technical-Support
For further information and requests, please contact us mailto: sales@austriamicrosystems.com
or find your local distributor at http://www.austriamicrosystems.com/distributor
Table 22. Ordering Information
1
1. The AS8650 provides various configuration options during production. For more information, please contact our sales office.
Ordering Code
Marking
Description
Delivery Form
Package
AS8650-ZQFP-0001
AS8650
AS8650 Power Management device with high-speed
CAN Interface (standard configuration)
Tape & Reel
36-pin QFN
(6x6x0.9)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46