Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EBLC05C Fiches technique(PDF) 4 Page - Protek Devices

No de pièce EBLC05C
Description  ultra LOW CAPACITA NCE TVS ARRAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PROTEC [Protek Devices]
Site Internet  http://www.protekdevices.com
Logo PROTEC - Protek Devices

EBLC05C Fiches technique(HTML) 4 Page - Protek Devices

  EBLC05C Datasheet HTML 1Page - Protek Devices EBLC05C Datasheet HTML 2Page - Protek Devices EBLC05C Datasheet HTML 3Page - Protek Devices EBLC05C Datasheet HTML 4Page - Protek Devices EBLC05C Datasheet HTML 5Page - Protek Devices EBLC05C Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05334.R1 12/10
Page 4
EBLC05C
SOD-323 PaCkagE INFORMatION
OutLINE DIMENSIONS
DIM
MILLIMEtERS
INChES
MIN
MaX
MIN
MaX
A
1.60
1.90
0.063
0.075
B
1.15
1.45
0.045
0.057
C
2.39
2.70
0.094
0.106
D
0.80
1.10
0.031
0.043
E
0.25
0.40
0.010
0.016
F
0.10
0.20
0.004
0.008
H
-
0.10
-
0.004
L
0.20
-
0.008
-
NOtES
1. Controlling dimension: millimeters.
2. Dimensioning and tolerances per ANSI Y14.5M, 1985.
3. Dimensions are exclusive of mold flash and metal burrs.
PaD LaYOut DIMENSIONS
DIM
MILLIMEtERS
INChES
MIN
MaX
MIN
MaX
A
2.87
3.12
0.113
0.123
B
0.66
0.91
0.026
0.036
C
0.66
0.91
0.026
0.036
NOtES
1. Controlling dimension: millimeters.
A
C
E
B
F
L
D
H
A
B
C



Html Pages

1 2 3 4 5 6