Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP6541R Fiches technique(PDF) 22 Page - Microchip Technology

No de pièce MCP6541R
Description  Push-Pull Output Sub-Microamp Comparators
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6541R Fiches technique(HTML) 22 Page - Microchip Technology

Back Button MCP6541R Datasheet HTML 18Page - Microchip Technology MCP6541R Datasheet HTML 19Page - Microchip Technology MCP6541R Datasheet HTML 20Page - Microchip Technology MCP6541R Datasheet HTML 21Page - Microchip Technology MCP6541R Datasheet HTML 22Page - Microchip Technology MCP6541R Datasheet HTML 23Page - Microchip Technology MCP6541R Datasheet HTML 24Page - Microchip Technology MCP6541R Datasheet HTML 25Page - Microchip Technology MCP6541R Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 46 page
background image
MCP6541/1R/1U/2/3/4
DS21696G-page 22
 2011 Microchip Technology Inc.
4.10
Typical Applications
4.10.1
PRECISE COMPARATOR
Some applications require higher DC precision. An
easy way to solve this problem is to use an amplifier
(such as the MCP6041) to gain-up the input signal
before it reaches the comparator. Figure 4-11 shows an
example of this approach.
FIGURE 4-11:
Precise Inverting
Comparator.
4.10.2
WINDOWED COMPARATOR
Figure 4-12 shows one approach to designing a win-
dowed comparator. The AND gate produces a logic ‘1’
when the input voltage is between VRB and VRT (where
VRT > VRB).
FIGURE 4-12:
Windowed Comparator.
4.10.3
BISTABLE MULTI-VIBRATOR
A simple bistable multi-vibrator design is shown in
Figure 4-13. VREF needs to be between the power
supplies (VSS = GND and VDD) to achieve oscillation.
The output duty cycle changes with VREF.
FIGURE 4-13:
Bistable Multi-vibrator.
VREF
VDD
VDD
R1
R2
VOUT
VIN
VREF
MCP6041
MCP654X
VRT
MCP6542
VRB
VIN
1/2
MCP6542
1/2
MCP6541
VDD
R1
R2
R3
VREF
C1
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46