Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CMPT5089 Fiches technique(PDF) 2 Page - Central Semiconductor Corp

No de pièce CMPT5089
Description  SURFACE MOUNT NPN SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CENTRAL [Central Semiconductor Corp]
Site Internet  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPT5089 Fiches technique(HTML) 2 Page - Central Semiconductor Corp

  CMPT5089 Datasheet HTML 1Page - Central Semiconductor Corp CMPT5089 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CMPT5088
CMPT5089
SURFACE MOUNT
NPN SILICON TRANSISTOR
LEAD CODE:
1) Base
2) Emitter
3) Collector
MARKING CODES:
CMPT5088: C1Q
CMPT5089: C1R
SOT-23 CASE - MECHANICAL OUTLINE
www.centralsemi.com
R7 (9-September 2010)



Html Pages

1 2