| Moteur de recherche de fiches techniques de composants électroniques |
|
CMPD3003C Fiches technique(PDF) 2 Page - Central Semiconductor Corp |
|
|
|||||||||||||||||||||||||||||
CMPD3003C Fiches technique(HTML) 2 Page - Central Semiconductor Corp |
|
2 / 2 page ![]() CMPD3003 CMPD3003A CMPD3003C CMPD3003S SURFACE MOUNT LOW LEAKAGE SILICON SWITCHING DIODE SOT-23 CASE - MECHANICAL OUTLINE LEAD CODE: 1) Anode 2) No Connection 3) Cathode MARKING CODE: LLO LEAD CODE: 1) Anode D2 2) Cathode D1 3) Anode D1, Cathode D2 MARKING CODE: LLS LEAD CODE: 1) Cathode D2 2) Cathode D1 3) Anode D1, D2 MARKING CODE: LLA CMPD3003 CMPD3003A CMPD3003S PIN CONFIGURATIONS LEAD CODE: 1) Anode D2 2) Anode D1 3) Cathode D1, D2 MARKING CODE: LLC CMPD3003C www.centralsemi.com R4 (25-January 2010) |