Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CMLSH2-4LC Fiches technique(PDF) 2 Page - Central Semiconductor Corp

No de pièce CMLSH2-4LC
Description  SURFACE MOUNT DUAL PAIR, LOW VF SILICON SCHOTTKY DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CENTRAL [Central Semiconductor Corp]
Site Internet  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMLSH2-4LC Fiches technique(HTML) 2 Page - Central Semiconductor Corp

  CMLSH2-4LC Datasheet HTML 1Page - Central Semiconductor Corp CMLSH2-4LC Datasheet HTML 2Page - Central Semiconductor Corp CMLSH2-4LC Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CMLSH2-4LA CMLSH2-4LS
CMLSH2-4LC CMLSH2-4LSB
SURFACE MOUNT
DUAL PAIR, LOW VF
SILICON SCHOTTKY DIODES
CMLSH2-4LA
LEAD CODE:
1) Cathode D1
2) Cathode D2
3) Anode D3, D4
4) Cathode D4
5) Cathode D3
6) Anode D1, D2
MARKING CODE: 4AL
SOT-563 CASE - MECHANICAL OUTLINE
PIN CONFIGURATIONS
CMLSH2-4LC
LEAD CODE:
1) Anode D1
2) Anode D2
3) Cathode D3, D4
4) Anode D4
5) Anode D3
6) Cathode D1, D2
MARKING CODE: 4CL
CMLSH2-4LS
LEAD CODE:
1) Anode D1
2) Cathode D2
3) Anode D3,
Cathode D4
4) Anode D4
5) Cathode D3
6) Cathode D1,
Anode D2
MARKING CODE: 4SL
CMLSH2-4LSB
LEAD CODE:
1) Anode D1
2) Anode D2
3) Cathode D2,
Anode D4
4) Cathode D4
5) Cathode D3
6) Cathode D1,
Anode D3
MARKING CODE: 4SB
SUGGESTED MOUNTING PAD CONFIGURATION
(FOR CMLSH2-4LSB BRIDGE RECTIFIER)
www.centralsemi.com
R3 (20-January 2010)



Html Pages

1 2 3