Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CMLDM7003G Fiches technique(PDF) 2 Page - Central Semiconductor Corp

No de pièce CMLDM7003G
Description  SURFACE MOUNT DUAL N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CENTRAL [Central Semiconductor Corp]
Site Internet  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMLDM7003G Fiches technique(HTML) 2 Page - Central Semiconductor Corp

  CMLDM7003G Datasheet HTML 1Page - Central Semiconductor Corp CMLDM7003G Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CMLDM7003
CMLDM7003G*
CMLDM7003J
SURFACE MOUNT
DUAL N-CHANNEL
ENHANCEMENT-MODE
SILICON MOSFET
SOT-563 CASE - MECHANICAL OUTLINE
LEAD CODE:
1) Gate Q1
2) Source Q1
3) Drain Q2
4) Gate Q2
5) Source Q2
6) Drain Q1
MARKING CODES:
CMLDM7003: C30
CMLDM7003G*: C3G
LEAD CODE:
1) Source Q1
2) Gate Q1
3) Drain Q2
4) Source Q2
5) Gate Q2
6) Drain Q1
MARKING CODE: C3J
PIN CONFIGURATIONS
CMLDM7003 (USA Pinout)
CMLDM7003G*
CMLDM7003J (Japanese Pinout)
* Device is Halogen Free by design
www.centralsemi.com
R6 (18-January 2010)



Html Pages

1 2