| Moteur de recherche de fiches techniques de composants électroniques |
|
CMLD2004C Fiches technique(PDF) 2 Page - Central Semiconductor Corp |
|
|
|||||||||||||||||||||||||||||
CMLD2004C Fiches technique(HTML) 2 Page - Central Semiconductor Corp |
|
2 / 2 page ![]() CMLD2004 CMLD2004A CMLD2004C CMLD2004S CMLD2004DO SURFACE MOUNT DUAL, HIGH VOLTAGE SILICON SWITCHING DIODES SOT-563 CASE - MECHANICAL OUTLINE PIN CONFIGURATIONS CMLD2004 MARKING CODES: CMLD2004: 04D CMLD2004A: 04A CMLD2004C: 04C CMLD2004S: 04S CMLD2004DO: 04O CMLD2004A CMLD2004C CMLD2004S LEAD CODE: 1) Anode D1 2) NC 3) Anode D2 4) Cathode D2 5) NC 6) Cathode D1 LEAD CODE: 1) Cathode D1, D2 2) Cathode D1, D2 3) Anode D2 4) Anode D1 5) Cathode D1, D2 6) Cathode D1, D2 LEAD CODE: 1) NC 2) Anode D1, D2 3) NC 4) Cathode D2 5) NC 6) Cathode D1 LEAD CODE: 1) NC 2) NC 3) Anode D1, Cathode D2 4) Anode D2 5) NC 6) Cathode D1 LEAD CODE: 1) Anode D1 2) NC 3) Cathode D2 4) Anode D2 5) NC 6) Cathode D1 CMLD2004DO www.centralsemi.com R4 (18-January 2010) |