| Moteur de recherche de fiches techniques de composants électroniques |
|
2N3997 Fiches technique(PDF) 2 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
2N3997 Fiches technique(HTML) 2 Page - Microsemi Corporation |
|
2 / 4 page ![]() TECHNICAL DATA SHEET 6 Lake Street, Lawrence, MA 01841 Gort Road Business Park, Ennis, Co. Clare, Ireland 1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803 Tel: +353 (0) 65 6840044 Fax: +353 (0) 65 6822298 Website: http: //www.microsemi.com T4-LDS-0165 Rev. 1 (100688) Page 2 of 4 ELECTRICAL CHARACTERISTICS (TA = +25°C, unless otherwise noted) Parameters / Test Conditions Symbol Min. Max. Unit ON CHARACTERISTICS (2) Forward-Current Transfer Ratio IC = 50mAdc, VCE = 2.0Vdc IC = 1.0Adc, VCE = 2.0Vdc IC = 5.0Adc, VCE = 5.0Vdc 2N3996, 2N3998 hFE 30 40 15 120 IC = 50mAdc, VCE = 2.0Vdc IC = 1.0Adc, VCE = 2.0Vdc IC = 5.0Adc, VCE = 5.0Vdc 2N3997, 2N3999 60 80 20 240 Collector-Emitter Saturation Voltage IC = 1.0Adc, IB = 0.1Adc IC = 5.0Adc, IB = 0.5Adc VCE(sat) 0.25 2.0 Vdc Base-Emitter Saturation Voltage IC = 1.0Adc, IB = 0.1Adc IC = 5.0Adc, IB = 0.5Adc VBE(sat) 0.6 1.2 1.6 Vdc DYNAMIC CHARACTERISTICS Parameters / Test Conditions Symbol Min. Max. Unit Magnitude of Common Emitter Small-Signal Short-Circuit Forward Current Transfer Ratio IC = 1.0Adc, VCE = 5.0Vdc, f = 10MHz |hfe| 3.0 12 Output Capacitance VCB = 10Vdc, IE = 0, 100kHz ≤ f ≤ 1.0MHz Cobo 150 pF SAFE OPERATING AREA DC Tests TC = +100°C, 1 Cycle, t = 1.0s Test 1 VCE = 80Vdc, IC = 0.08Adc Test 2 VCE = 20Vdc, IC = 1.5Adc (4) Pulse Test: Pulse Width = 300µs, Duty Cycle ≤ 2.0%. |