Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC75394 Fiches technique(PDF) 16 Page - Sanyo Semicon Device

No de pièce LC75394
Description  Single-Chip Electronic Volume Control System
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75394 Fiches technique(HTML) 16 Page - Sanyo Semicon Device

Back Button LC75394 Datasheet HTML 9Page - Sanyo Semicon Device LC75394 Datasheet HTML 10Page - Sanyo Semicon Device LC75394 Datasheet HTML 11Page - Sanyo Semicon Device LC75394 Datasheet HTML 12Page - Sanyo Semicon Device LC75394 Datasheet HTML 13Page - Sanyo Semicon Device LC75394 Datasheet HTML 14Page - Sanyo Semicon Device LC75394 Datasheet HTML 15Page - Sanyo Semicon Device LC75394 Datasheet HTML 16Page - Sanyo Semicon Device LC75394 Datasheet HTML 17Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
Usage Notes
1. When the power is first applied, the internal analog switches are in indeterminate states. The chip therefore requires
muting or other external measures until it has received the proper data.
2. Provide grounding patterns or shielding for the lines to the CL, DI, and CE pins so as to prevent their high-frequency
data signals from interfering with the operation of nearby analog circuits.
No. 5466-16/17
LC75394NE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17