Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC75366M Fiches technique(PDF) 7 Page - Sanyo Semicon Device

No de pièce LC75366M
Description  Two-Channel Electronic Volume Control
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75366M Fiches technique(HTML) 7 Page - Sanyo Semicon Device

Back Button LC75366M Datasheet HTML 3Page - Sanyo Semicon Device LC75366M Datasheet HTML 4Page - Sanyo Semicon Device LC75366M Datasheet HTML 5Page - Sanyo Semicon Device LC75366M Datasheet HTML 6Page - Sanyo Semicon Device LC75366M Datasheet HTML 7Page - Sanyo Semicon Device LC75366M Datasheet HTML 8Page - Sanyo Semicon Device LC75366M Datasheet HTML 9Page - Sanyo Semicon Device LC75366M Datasheet HTML 10Page - Sanyo Semicon Device LC75366M Datasheet HTML 11Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Control System Timing and Data Format
Apply the stipulated serial data to the CE, CL and DI pins to control the LC75366 and LC75366M. The data consists of
20 bits, of which 8 bits are the address and 12 bits are control data.
No. 4929-7/11
LC75366, 75366M



Html Pages

1 2 3 4 5 6 7 8 9 10 11