Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HLJC1002G Fiches technique(PDF) 2 Page - Littelfuse

No de pièce HLJC1002G
Description  Inline Holder for JCASE??Style Fuses
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LITTELFUSE [Littelfuse]
Site Internet  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

HLJC1002G Fiches technique(HTML) 2 Page - Littelfuse

  HLJC1002G Datasheet HTML 1Page - Littelfuse HLJC1002G Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
©2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
Fuseholders
“A“
“B“
“C“
“D“
LEAD “A”
COLOR
LEAD “B”
COLOR
INSULATION TYPE
102.0
102.0
9.0
9.0
RED
RED
GXL
(STANDARD)
Inline Holder for JCASE™ Style Fuses
Ø5.5
25
40
25
18
0.8
50
21.3
102
102
13.5
LOW-PROFILE
FUSE OPTION
25
STANDARD JCASE
FUSE OPTION
2.5
18
5.5
12.8
Ø4
(STANDARD
MOUNTING HOLE
OPTION)
9
TYP.
MOUNTING BRACKET OPTION
Mounting bracket only included with XXXX1000 series.
Standard hole only included with XXXX2000 series.



Html Pages

1 2