Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SX8661 Fiches technique(PDF) 45 Page - Semtech Corporation

No de pièce SX8661
Description  Low Power, Capacitive Button Touch and Proximity Controller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMTECH [Semtech Corporation]
Site Internet  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8661 Fiches technique(HTML) 45 Page - Semtech Corporation

Back Button SX8661 Datasheet HTML 41Page - Semtech Corporation SX8661 Datasheet HTML 42Page - Semtech Corporation SX8661 Datasheet HTML 43Page - Semtech Corporation SX8661 Datasheet HTML 44Page - Semtech Corporation SX8661 Datasheet HTML 45Page - Semtech Corporation SX8661 Datasheet HTML 46Page - Semtech Corporation SX8661 Datasheet HTML 47Page - Semtech Corporation SX8661 Datasheet HTML 48Page - Semtech Corporation SX8661 Datasheet HTML 49Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 88 page
background image
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
Revision v3.2, January 2011
© 2011 Semtech Corp.
www.semtech.com
45
SX8661
Low Power, Capacitive Button Touch and Proximity Controller
(8 sensors) with LED Drivers and Analog Output
Address
Name
default QSM
value
Address
Name
default QSM
value
0x40
MapAutoLightGrp0Lsb
0x00
0x60
GpioDecTime7_6
0x44
0x41
MapAutoLightGrp1Msb
0x00
0x61
GpioDecTime5_4
0x44
0x42
MapAutoLightGrp1Lsb
0x00
0x62
GpioDecTime3_2
0x44
0x43
GpioMode7_4
0xC0
0x63
GpioDecTime1_0
0x44
0x44
GpioMode3_0
0x00
0x64
GpioOffDelay7_6
0x00
0x45
GpioIntensityOn0
0xFF
0x65
GpioOffDelay5_4
0x00
0x46
GpioIntensityOn1
0xFF
0x66
GpioOffDelay3_2
0x00
0x47
GpioIntensityOn2
0xFF
0x67
GpioOffDelay1_0
0x00
0x48
GpioIntensityOn3
0xFF
0x68
GpioPullUpDown7_4
0x00
0x49
GpioIntensityOn4
0xFF
0x69
GpioPullUpDown3_0
0x00
0x4A
GpioIntensityOn5
0xFF
0x6A
Reserved
0x00
0x4B
GpioIntensityOn6
0xFF
0x6B
Reserved
0x00
0x4C
GpioIntensityOn7
0xFF
0x6C
Reserved
0x00
0x4D
GpioIntensityOff0
0x00
0x6D
GpioFadingMode7_4
0x00
0x4E
GpioIntensityOff1
0x00
0x6E
GpioFadingMode3_0
0x00
0x4F
GpioIntensityOff2
0x00
0x6F
Reserved
0x50
0x50
GpioIntensityOff3
0x00
0x70
CapProxEnable
0x74
0x51
GpioIntensityOff4
0x00
0x71
Reserved
0x10
0x52
GpioIntensityOff5
0x00
0x72
Reserved
0x45
0x53
GpioIntensityOff6
0x00
0x73
Reserved
0x03
0x54
GpioIntensityOff7
0x00
0x74
Reserved
0xFF
0x55
Reserved
0xFF
0x75
Reserved
0xFF
0x56
GpioOutPwrUp
0x00
0x76
Reserved
0xFF
0x57
GpioAutoLight
0xFF
0x77
Reserved
0xD5
0x58
GpoPolarity
0x80
0x78
Reserved
0x55
0x59
GpioFunction
0x80
0x79
Reserved
0x55
0x5A
GpioIncFactor
0x00
0x7A
Reserved
0x7F
0x5B
GpioDecFactor
0x00
0x7B
Reserved
0x23
0x5C
GpioIncTime7_6
0x11
0x7C
Reserved
0x22
0x5D
GpioIncTime5_4
0x11
0x7D
Reserved
0x41
0x5E
GpioIncTime3_2
0x11
0x7E
Reserved
0xFF
0x5F
GpioIncTime1_0
0x11
0x7F
SpmCrc
1
0x3F
Table 13
SPM address map: 0x40…0x7F
Note
1
• SpmCrc:
CRC depending on SPM content, updated in Active or Doze mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88