| Moteur de recherche de fiches techniques de composants électroniques |
|
LC74788 Fiches technique(PDF) 23 Page - Sanyo Semicon Device |
|
|
|||||||||||||||||||||||||||||
LC74788 Fiches technique(HTML) 23 Page - Sanyo Semicon Device |
|
23 / 23 page ![]() PS No. 5731-23/23 LC74788, 74788M, 74788JM • Circuit Using an External System Clock Input (when the pin 3 and 4 functions are modified by mask options) This catalog provides information as of March, 1998. Specifications and information herein are subject to change without notice. s No products described or contained herein are intended for use in surgical implants, life-support systems, aerospace equipment, nuclear power control systems, vehicles, disaster/crime-prevention equipment and the like, the failure of which may directly or indirectly cause injury, death or property loss. s Anyone purchasing any products described or contained herein for an above-mentioned use shall: Accept full responsibility and indemnify and defend SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors and all their officers and employees, jointly and severally, against any and all claims and litigation and all damages, cost and expenses associated with such use: Not impose any responsibility for any fault or negligence which may be cited in any such claim or litigation on SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors or any of their officers and employees jointly or severally. s Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties. Note: When a sync tip level of 1.3 V DC (CVIN input signal: sync tip = 1.3 V) is selected for the internal generated video signals by option settings, the electrolytic capacitor connected to SYNIN must be connected with the correct polarity. Micro- controller A08695 |