| Moteur de recherche de fiches techniques de composants électroniques |
|
SC662EVB Fiches technique(PDF) 2 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
SC662EVB Fiches technique(HTML) 2 Page - Semtech Corporation |
|
2 / 30 page ![]() SC662 2 1 2 3 4 5 6 7 8 9 10 11 12 13 14 BL6 SPIF GND C1- C2- C2+ C1+ OUT IN BL1 BL2 BL3 BL4 BL5 TOP VIEW T Device Package SC662ULTRT(1)(2) MLPQ-UT-14 2×2 SC662EVB Evaluation Board ...FB yw FB = SC662ULTRT yw = date code Pin Configuration Marking Information Ordering Information Notes: (1) Available in tape and reel only. A reel contains 3,000 devices. (2) Lead-free packaging only. Device is WEEE and RoHS compliant, and halogen-free. MLPQ-UT-14; 2x2, 14 LEAD θ JA = 78°C/W |