Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SC197EVB Fiches technique(PDF) 2 Page - Semtech Corporation

No de pièce SC197EVB
Description  3.5MHz, 500mA Synchronous Dual Step-Down DC-DC Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMTECH [Semtech Corporation]
Site Internet  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC197EVB Fiches technique(HTML) 2 Page - Semtech Corporation

  SC197EVB Datasheet HTML 1Page - Semtech Corporation SC197EVB Datasheet HTML 2Page - Semtech Corporation SC197EVB Datasheet HTML 3Page - Semtech Corporation SC197EVB Datasheet HTML 4Page - Semtech Corporation SC197EVB Datasheet HTML 5Page - Semtech Corporation SC197EVB Datasheet HTML 6Page - Semtech Corporation SC197EVB Datasheet HTML 7Page - Semtech Corporation SC197EVB Datasheet HTML 8Page - Semtech Corporation SC197EVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
SC197
2
Pin Configuration
Marking Information
Ordering Information
Device
Package
SC197ULTRT(1)(2)
MLPQ-UT18 2 x 3
SC197EVB
Evaluation Board
Notes:
(1) Available in tape and reel only. A reel contains 3,000 devices.
(2) Lead-free packaging only. Device is WEEE and RoHS compliant
and halogen-free.
TOP VIEW
CTL1A
16
17
18
14
13
12
11
10
5
4
3
2
1
7
8
9
6
15
CTL0A
OUTB
GNDB
LXB
NC
NC
LXA
GNDA
OUTA
CTL0B
CTL1B
197
yw
xxx
MLPQ-UT18; 2 x 3, 18 LEAD
θ
JA = 77°C/W
Table 1 – Output Voltage Settings
CTL3A/B
CTL2A/B
CTL1A/B
CTL0A/B
V
OUTA/B
0
0
0
0
Shutdown
0
0
0
1
0.80
0
0
1
0
1.00
0
0
1
1
1.20
0
1
0
0
1.40
0
1
0
1
1.50
0
1
1
0
1.60
0
1
1
1
1.80
1
0
0
0
1.85
1
0
0
1
1.90
1
0
1
0
2.00
1
0
1
1
2.20
1
1
0
0
2.50
1
1
0
1
2.80
1
1
1
0
3.00
1
1
1
1
3.30
197 = SC197
yw = Date code
xxx = lot number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20