| Moteur de recherche de fiches techniques de composants électroniques |
|
LS7766 Fiches technique(PDF) 10 Page - LSI Computer Systems |
|
|
|||||||||||||||||||||||||||||
LS7766 Fiches technique(HTML) 10 Page - LSI Computer Systems |
|
10 / 14 page ![]() Note 1. Synchronous mode index coincident with both A and B high. Note 2. Synchronous mode index coincident with both A and B low. Note 3. fF is the internal effective filter clock. FIGURE 4. PCKI, A, B AND INDX/ 7766-110806-10 RD/ CS/ RS x0/_x1 DB VALID DATA VALID DATA tr1 tr10 tr2 tr3 tr4 tr5 tr6 tr7 tr8 tr9 FIGURE 2. READ CYCLE tw5 tw7 tw9 tw3 tw2 tw4 tw6 tw8 INPUT DATA tw1 tw10 INPUT DATA WR/ CS/ RS x0/_x1 DB FIGURE 3. WRITE CYCLE PCKI t1 t2 ff (Note 3) (MCR0 <7> = 0) ff (Note 3) (MCR0 <7> = 1) A B INDX/ t3 t3 t5 t5 t4 t4 t4 t4 Note 1 Note 2 tid tis tih tis tih |