| Moteur de recherche de fiches techniques de composants électroniques |
|
LC74751 Fiches technique(PDF) 5 Page - Sanyo Semicon Device |
|
|
|||||||||||||||||||||||||||||
LC74751 Fiches technique(HTML) 5 Page - Sanyo Semicon Device |
|
5 / 15 page ![]() System Block Diagram Display Screen Structure The display mode has a 24-character by 12-row format. The maximum number of characters that can be displayed is 288. When character sizes are enlarged, the maximum number of characters that can be displayed is reduced. Display ROM (12-line specification) and display RAM (for 176 characters) • Specify fixed characters in the display line ROM. • Application programs use the display RAM to specify characters for sections of the display in which the characters change. No. 5396-5/15 LC74751 |