| Moteur de recherche de fiches techniques de composants électroniques |
|
ZXSC310 Fiches technique(PDF) 8 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
ZXSC310 Fiches technique(HTML) 8 Page - Diodes Incorporated |
|
8 / 16 page ![]() To ensure optimum efficiency, and therefore maximum battery life, the LED is supplied with a pulsed current. Maximum efficiency is ensured with the removal of rectifier losses experienced in the maximum brightness solution . SEMICO NDUC TORS ZXSC310 ISSUE 3 - SEPTEMBER 2007 8 Ref Value Part Number Manufacturer Comments U1 N/A ZXSC310E5 Zetex Semiconductors Single cell converter, SOT23-5 Q1 N/A FMMT617 Zetex Semiconductors Low V CE(sat) NPN, SOT23 R1 330m Generic Various 0805 Size L1 100 H (8) Surface mount inductor Materials list (8) See Application section. Maximum battery life solution (Notes) |