| Moteur de recherche de fiches techniques de composants électroniques |
|
LT3083MPDF Fiches technique(PDF) 27 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LT3083MPDF Fiches technique(HTML) 27 Page - Linear Technology |
|
27 / 28 page ![]() LT3083 27 3083f Information furnished by Linear Technology Corporation is believed to be accurate and reliable. However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa- tion that the interconnection of its circuits as described herein will not infringe on existing patent rights. PACKAGE DESCRIPTION T Package 5-Lead Plastic TO-220 (Standard) (Reference LTC DWG # 05-08-1421) T5 (TO-220) 0801 .028 – .038 (0.711 – 0.965) .067 (1.70) .135 – .165 (3.429 – 4.191) .700 – .728 (17.78 – 18.491) .045 – .055 (1.143 – 1.397) .095 – .115 (2.413 – 2.921) .013 – .023 (0.330 – 0.584) .620 (15.75) TYP .155 – .195* (3.937 – 4.953) .152 – .202 (3.861 – 5.131) .260 – .320 (6.60 – 8.13) .165 – .180 (4.191 – 4.572) .147 – .155 (3.734 – 3.937) DIA .390 – .415 (9.906 – 10.541) .330 – .370 (8.382 – 9.398) .460 – .500 (11.684 – 12.700) .570 – .620 (14.478 – 15.748) .230 – .270 (5.842 – 6.858) BSC SEATING PLANE * MEASURED AT THE SEATING PLANE |