Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MIC61150 Fiches technique(PDF) 17 Page - Micrel Semiconductor

No de pièce MIC61150
Description  Low Input Voltage, Single-Supply High-Current LDO
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICREL [Micrel Semiconductor]
Site Internet  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC61150 Fiches technique(HTML) 17 Page - Micrel Semiconductor

Back Button MIC61150 Datasheet HTML 13Page - Micrel Semiconductor MIC61150 Datasheet HTML 14Page - Micrel Semiconductor MIC61150 Datasheet HTML 15Page - Micrel Semiconductor MIC61150 Datasheet HTML 16Page - Micrel Semiconductor MIC61150 Datasheet HTML 17Page - Micrel Semiconductor MIC61150 Datasheet HTML 18Page - Micrel Semiconductor MIC61150 Datasheet HTML 19Page - Micrel Semiconductor MIC61150 Datasheet HTML 20Page - Micrel Semiconductor MIC61150 Datasheet HTML 21Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
Micrel, Inc.
MIC61150
November 2010
17
M9999-112210-A
MIC61150YMME Evaluation Board Schematic (10-Pin ePad MSOP)
Bill of Materials
Item
Part Number
Manufacturer
Description
Qty.
C0805ZD106KAT2A
AVX
(1)
10µF/10V Ceramic Capacitor, X5R,Size 0805
C2012X5R1C106M
TDK
(2
10µF/10V Ceramic Capacitor, X5R,Size 0805
C1
GRM219R61A106KE44D
Murata
(3)
10µF/10V Ceramic Capacitor, X5R,Size 0805
1
C2012X5R0J226M
TDK
(2)
22µF/6.3V Ceramic Capacitor, X5R, Size 0805 or
GRM21BR60J226ME39L
Murata
(3)
22µF/6.3V Ceramic Capacitor, X5R, Size 0805 or
C2
08056D226MAT2A
AVX
(1)
22µF/6.3V Ceramic Capacitor, X5R, Size 0805
1
C06035C104KAT2A
AVX
(1)
0.1µF/50V Ceramic Capacitor, X7R, Size 0603
C3
GRM188R71H104KA93D
Murata
(3)
0.1µF/50V Ceramic Capacitor, X7R, Size 0603
1
R1
CRCW060369R8FKEA
Vishay
(4)
69.8Ω Film Resistor, Size 0603, 1%
1
R2
CRCW060349R9FKEA
Vishay
(4)
49.9Ω Film Resistor, Size 0603, 1%
1
R3
CRCW060310K0FKEA
Vishay
(4)
10kΩ Film Resistor, Size 0603, 1%
1
R4
CRCW080500R0F
Vishay
(4)
0Ω Film Resistor, Size 0603, 1%
1
U1
MIC61150YMME
Micrel, Inc.
(5)
1.5A Low-Voltage, Single-Supply LDO
1
Notes:
1. AVX: www.avx.com.
2. TDK: www.tdk.com.
3. Murata: www.murata.com.
4. Vishay: www.vishay.com.
5. Micrel, Inc.: www.micrel.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com