| Moteur de recherche de fiches techniques de composants électroniques |
|
MIC2012PZM Fiches technique(PDF) 10 Page - Micrel Semiconductor |
|
|
|||||||||||||||||||||||||||||
MIC2012PZM Fiches technique(HTML) 10 Page - Micrel Semiconductor |
|
10 / 16 page ![]() MIC2012 Micrel MIC2012/2072 10 January 2005 VMAIN = VAUX = 5V CL = 100F RL = 10 AUX Start-up by UVLO TIME (500s/div) V AUX ramps from 0V to 5V V MAIN = S3# = 0V EN = [ON] R LOAD = 50 C LOAD = 1F VMAIN = VAUX = 5V CL = 100F RL = 10 AUX Shutdown by UVLO TIME (10ms/div) 2.96V V AUX ramps from 5V to 0V V MAIN = S3# = 0V EN = [ON] R LOAD = 50 C LOAD = 1F Main Start-up by UVLO TIME (500s/div) 3.20V V MAIN = VAUX;VMAIN & VAUX ramp from 0V to 5V S3# = 5V EN = [ON] R LOAD = 10 C LOAD = 1F S3# = 5V EN = [ON] R LOAD = 10½ C LOAD = 1µF V MAIN = VAUX;VMAIN & VAUX ramp from 5V to 0V Main Shut-down by UVLO TIME (10ms/div) 2.96V Main Turn-On Response TIME (250s/div) V MAIN = VAUX =5V S3# = 5V EN toggles from [OFF] to [ON] R LOAD = 10 C LOAD = 1F Main Turn-Off Response TIME (100s/div) V MAIN = VAUX =5V S3# = 5V EN toggles from [ON] to [OFF] R LOAD = 10 C LOAD = 1F Functional Characteristics |