| Moteur de recherche de fiches techniques de composants électroniques |
|
PCF8576D Fiches technique(PDF) 2 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8576D Fiches technique(HTML) 2 Page - NXP Semiconductors |
|
2 / 50 page ![]() PCF8576D All information provided in this document is subject to legal disclaimers. © NXP B.V. 2011. All rights reserved. Product data sheet Rev. 10 — 14 February 2011 2 of 50 NXP Semiconductors PCF8576D Universal LCD driver for low multiplex rates 3. Ordering information [1] Chips in tray. [2] Chips with bumps in tray. 4. Marking Table 1. Ordering information Type number Package Name Description Version PCF8576DT/2 TSSOP56 plastic thin shrink small outline package, 56 leads; body width 6.1 mm SOT364-1 PCF8576DT/S400/2 TSSOP56 plastic thin shrink small outline package, 56 leads; body width 6.1 mm SOT364-1 PCF8576DU/DA/2 wire bond die 59 bonding pads[1] PCF8576DU/DA PCF8576DU/2DA/2 bare die 59 bumps[2] PCF8576DU/2DA Table 2. Marking codes Type number Marking code PCF8576DT/2 PCF8576DT PCF8576DT/S400/2 PCF8576DT/S400 PCF8576DU/DA/2 PC8576D-2 PCF8576DU/2DA/2 PC8576D-2 |