Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ZXCT1012 Fiches technique(PDF) 9 Page - Diodes Incorporated

No de pièce ZXCT1012
Description  Reduced height micro-power current monitor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXCT1012 Fiches technique(HTML) 9 Page - Diodes Incorporated

Back Button ZXCT1012 Datasheet HTML 2Page - Diodes Incorporated ZXCT1012 Datasheet HTML 3Page - Diodes Incorporated ZXCT1012 Datasheet HTML 4Page - Diodes Incorporated ZXCT1012 Datasheet HTML 5Page - Diodes Incorporated ZXCT1012 Datasheet HTML 6Page - Diodes Incorporated ZXCT1012 Datasheet HTML 7Page - Diodes Incorporated ZXCT1012 Datasheet HTML 8Page - Diodes Incorporated ZXCT1012 Datasheet HTML 9Page - Diodes Incorporated ZXCT1012 Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
ZXCT1012
Issue 1 - December 2006
9
www.zetex.com
© Zetex Semiconductors plc 2006
DAA package outline - TDFN3x3-5
Note: Controlling dimensions are in millimeters. Approximate dimensions are provided in inches
Dim.
Millimeters
Inches
Dim.
Millimeters
Inches
Min.
Max.
Min.
Max.
Min.
Max.
Max.
Max.
A
0.70
0.80
0.0276
0.0315
e
0.95REF
0.0374REF
A1
0.00
0.05
0.00
0.002
E
3.00BSC
0.1181BSC
A3
0.20REF
0.0079REF
E2
0.85
1.10
0.0335
0.0433
b
0.30
0.45
0.0118
0.0177
L
0.30
0.50
0.0118
0.0197
D
3.00BSC
0.1181BSC
K
0.20
-
0.0079
-
D2
1.85
2.10
0.0728
0.0827
-
-
-
-
-
E
A3
A1
A
E2
E2/2
L
K



Html Pages

1 2 3 4 5 6 7 8 9 10